Part Number Hot Search : 
PE8402 CS5102A C1403 ZL40803 ALC5624 CA14392 334H4 D8103
Product Description
Full Text Search
 

To Download PE4642 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical data sheet 75 ohm bnc female bulkhead connector crimp/solder attachment for pe-b305, .480 inch d hole confguration connector bnc female connector interface type pe-b305 cable attachment method (shield/contact) crimp/solder body style straight mount method bulkhead electrical specifcations impedance, ohms 75 mechanical specifcations size length, in [mm] 1.425 [36.2] width/dia., in [mm] 0.69 [17.53] . weight, lbs [g] 0.048 [21.77] connector type bnc female contact material and plating gold body material and plating brass, nickel dielectric type ptfe compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level 75 ohm bnc female bulkhead connector crimp/solder attachment for pe-b305, .480 inch d hole from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 75 ohm bnc female bulkhead connector crimp/solder attachment for pe-b305, .480 inch d hole PE4642 url: http://www.pasternack.com/bnc-female-standard-pe-b305-connector-PE4642-p.aspx PE4642 PE4642 rev 01 75 ohm bnc female bulkhead connector crimp/ solder attachment for pe-b305, .480 inch d hole
? 2013 pasternack enterprises all rights reserved 2 PE4642 rev 01 dwg title PE4642 notes: 1. unless otherwise specified all dimensions are nominal. 2. all specifications are subject to change without notice at any time. 3. dimensions are in inches [mm]. 4. fits mil-c-17 and equivalent cables. fscm no. 53919 cad file 042110 scale n/a size a xxxx 75 ohm bnc female bulkhead connector crimp/solder attachment for pe-b305, .480 inch d hole PE4642 cad drawing


▲Up To Search▲   

 
Price & Availability of PE4642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X